Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 30 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 30 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 26Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 27Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 28Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 29Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 30Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 32Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 33Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 30
Preliminary
© 2007 Microchip Technology Inc.
2.4
Memory Map
The program memory map extends from 0x0 to
0xFFFFFE. Code storage is located at the base of the
memory map and supports up to 88K instructions
(about 256 Kbytes). Table 2-2 shows the program
memory size and number of erase and program blocks
present in each device variant. Each erase block, or
page, contains 512 instructions and each program
block, or row, contains 64 instructions.
Locations 0x800000 through 0x800FFE are reserved
for executive code memory. This region stores the
programming executive and the debugging executive.
The programming executive is used for device pro-
gramming and the debug executive is used for in-circuit
debugging. This region of memory can not be used to
store user code.
Locations 0xF80000 through 0xF80017 are reserved
for the device Configuration registers.
Locations 0xFF0000 and 0xFF0002 are reserved for
the Device ID Word registers. These bits can be used
by the programmer to identify what device type is being
programmed. They are described in Section 7.0
“Device ID”. The Device ID registers read out
normally, even after code protection is applied.
Figure 2-3 shows the memory map for the dsPIC33F/
PIC24H family variants.
TABLE 2-2:
CODE MEMORY SIZE
dsPIC33F/PIC24H Device
User Memory Address
Limit
(Instruction Words)
Write Blocks
Erase Blocks
Executive Memory Address
Limit (Instruction Words)
dsPIC33FJ64GP206
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64GP306
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64GP310
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64GP706
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64GP708
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64GP710
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ128GP206
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128GP306
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128GP310
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128GP706
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128GP708
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128GP710
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ256GP506
0x02ABFE (88K)
1368
171
0x800FFE (2K)
dsPIC33FJ256GP510
0x02ABFE (88K)
1368
171
0x800FFE (2K)
dsPIC33FJ256GP710
0x02ABFE (88K)
1368
171
0x800FFE (2K)
dsPIC33FJ64MC506
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64MC508
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64MC510
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64MC706
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ64MC710
0x00ABFE (22K)
344
43
0x800FFE (2K)
dsPIC33FJ128MC506
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128MC510
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128MC706
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128MC708
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ128MC710
0x0157FE (44K)
688
86
0x800FFE (2K)
dsPIC33FJ256MC510
0x02ABFE (88K)
1368
171
0x800FFE (2K)
dsPIC33FJ256MC710
0x02ABFE (88K)
1368
171
0x800FFE (2K)
PIC24HJ64GP206
0x00ABFE (22K)
344
43
0x800FFE (2K)
PIC24HJ64GP210
0x00ABFE (22K)
344
43
0x800FFE (2K)
PIC24HJ64GP506
0x00ABFE (22K)
344
43
0x800FFE (2K)
PIC24HJ64GP510
0x00ABFE (22K)
344
43
0x800FFE (2K)
PIC24HJ128GP206
0x0157FE (44K)
688
86
0x800FFE (2K)
PIC24HJ128GP210
0x0157FE (44K)
688
86
0x800FFE (2K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com