Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 46 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 46 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 42Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 43Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 44Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 45Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 46Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 49Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 46
Preliminary
© 2007 Microchip Technology Inc.
In addition to code memory protection, a part of Data
RAM can be configured to be accessible only by code
resident in the Boot Segment and/or Secure Segment.
The sizes of these “reserved” sections are user-config-
urable, using the RBS<1:0> and RSS<1:0> bits.
3.6.5
USER UNIT ID
The dsPIC33F/PIC24H devices provide four 8-bit Con-
figuration registers (FUID0 through FUID3) for the user
to store product-specific information, such as unit serial
numbers and other product manufacturing data.
FIGURE 3-5:
CONFIGURATION BIT PROGRAMMING FLOW
3.7
Exiting Enhanced ICSP Mode
Exiting Program/Verify mode is done by removing VIH
from MCLR, as shown in Figure 3-6. The only require-
ment for exit is that an interval P16 should elapse
between the last clock and program signals on PGC
and PGD before removing VIH.
FIGURE 3-6:
EXITING ENHANCED
ICSP™ MODE
Note:
All bits in the FBS, FSS and FGS Configu-
ration registers can only be programmed
to a value of ‘0’. the ERASEB command is
the only way to reprogram code-protect
bits from ON (‘0’) to OFF (‘1’).
Send PROGC
Command
ConfigAddress = 0xF80000
Is
PROGC
response
PASS?
No
Yes
No
Failure
Report Error
Start
Finish
Yes
Is
ConfigAddress
0xF80018?
ConfigAddress =
ConfigAddress + 2
MCLR
P16
PGD
PGD = Input
PGC
VDD
VIH
VIH
P17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com