Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8787AHL/S1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8787AHL/S1
Description  10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787AHL/S1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8787AHL/S1 Datasheet HTML 16Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 17Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 18Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 19Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 20Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 21Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 22Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 23Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2000 Nov 14
21
Philips Semiconductors
Product specification
10-bit, 3.0 V, up to 25 Msps analog-to-digital
interface for CCD cameras
TDA8787A
Suitability of surface mount IC packages for wave and reflow soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
3. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1)
BGA, SQFP
not suitable
suitable
HLQFP, HSQFP, HSOP, HTSSOP, SMS
not suitable(2)
suitable
PLCC(3), SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended(3)(4)
suitable
SSOP, TSSOP, VSO
not recommended(5)
suitable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com