Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8787AHL/S1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8787AHL/S1
Description  10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787AHL/S1 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8787AHL/S1 Datasheet HTML 1Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 2Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 3Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 4Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 5Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 6Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 7Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 8Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Nov 14
3
Philips Semiconductors
Product specification
10-bit, 3.0 V, up to 25 Msps analog-to-digital
interface for CCD cameras
TDA8787A
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
2.7
3.0
3.6
V
VCCD
digital supply voltage
2.7
3.0
3.6
V
VCCO
digital outputs stages supply
voltage
2.5
2.6
3.6
V
ICCA
analog supply current
all clamps active; fpix = 18 MHz
−
50
60
mA
ICCD
digital supply current
fpix =18MHz
−
13
17
mA
ICCO
digital outputs supply current
fpix = 18 MHz; CL = 20 pF; input ramp
response time is 800
µs
−
12mA
ADCres
ADC resolution
−
10
−
bits
Vi(CDS)(p-p)
CDS input amplitude (video
signal) (peak-to-peak value)
VCC = 2.85 V
650
−−
mV
VCC ≥ 3.0 V
800
−−
mV
fpix(max)
maximum pixel frequency
25
−−
MHz
fpix(min)
minimum pixel frequency
2
−−
MHz
DRPGA
PGA dynamic range
−
36
−
dB
Ntot(rms)
total noise (RMS value) at
CDS input to ADC output
PGA code = 0; see Fig.8
−
0.15
−
LSB
Vn(i)(eq)(rms)
equivalent input noise
voltage (RMS value)
PGA code = 383
−
70
−µV
Ptot
total power consumption
VCCA =VCCD =VCCO =3V
−
190
−
mW
VCCA =VCCD =VCCO = 2.7 V
−
170
−
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com