Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC06J065A-R-BR Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SC06J065A-R-BR
Description  SiC Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SC06J065A-R-BR Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SC06J065A-R-BR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
SC06J065A
版本:
202403C
2/9
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符 号
Symbol
数 值
Value
单位
Unit
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
650
V
反向浪涌峰值电压
Surge Peak Reverse Voltage
VRSM
650
V
反向直流电压
DC Blocking Voltage
VDC
650
V
正向平均电流
Continuous Forward Current
IF
Tc=150℃
6
A
正向重复浪涌电流
Repetitive Peak Forward Surge Current
IFRM
45
A
正向非重复浪涌电流
Non-Repetitive Peak Forward Surge Current
IFSM
65
A
非重复正向峰值电流
Non-Repetitive Peak Forward Current
IF,Max
520
A
耗散功率
Power Dissipation
PtotTc=25℃
Tc=110℃
111
48
W
最高结温及存储温度
Operating and Storage Temperature Range
TJ,TSTG
-
55~+175
℃
引线最高焊接温度
Maximum Lead Temperature for Soldering
Purposes
TL
300
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com