Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC06J065A-R-BR Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SC06J065A-R-BR
Description  SiC Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SC06J065A-R-BR Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SC06J065A-R-BR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC06J065A-R-BR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R
SC06J065A
版本:
202403C
3/9
电特性 ELECTRICAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max 单位 Units
正向电压
Forward Voltage
VF
IF = 6A TJ=25°C
IF = 6A TJ=175°C
-
1.45
1.75
1.7
2.0
V
反向电流
Reverse Current
IR
VR = 650V TJ=25°C
VR = 650V TJ=175°C
2
40
20
200
μA
总储存电荷
Total Capacitive Charge
QC
VR = 400V, TJ = 25°C,IF=10A
QC =∫ C(V)dV
VR
0
17
nC
总电容
Total Capacitance
C
VR = 0 V, TJ = 25°C, f = 1 MHz
VR = 200V, TJ = 25˚C, f = 1 MHz
VR = 400V, TJ = 25˚C, f = 1 MHz
332
33
28
pF
电容储存能量
Capacitance
Stored Energy
EC
VR =400 V
4.3
μJ
热特性
THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
典型值
Typ
单 位
Unit
TO-220C-2L
DPAK
DFN8*8
结到管壳的热阻
Thermal Resistance Junction to Case
Rth(j-c)
1.35
1.96
2.68
℃
/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com