Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8067 Datasheet HTML 9Page - Analog Devices AD8067 Datasheet HTML 10Page - Analog Devices AD8067 Datasheet HTML 11Page - Analog Devices AD8067 Datasheet HTML 12Page - Analog Devices AD8067 Datasheet HTML 13Page - Analog Devices AD8067 Datasheet HTML 14Page - Analog Devices AD8067 Datasheet HTML 15Page - Analog Devices AD8067 Datasheet HTML 16Page - Analog Devices AD8067 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8067
Rev. B | Page 13 of 24
THEORY OF OPERATION
The AD8067 is a low noise, wideband, voltage feedback
operational amplifier that combines a precision JFET input
stage with Analog Devices’ dielectrically isolated eXtra Fast
Complementary Bipolar (XFCB) process BJTs. Operating
supply voltages range from 5 V to 24 V. The amplifier features a
patented rail-to-rail output stage capable of driving within
0.25 V of either power supply while sourcing or sinking 30 mA.
The JFET input, composed of N-channel devices, has a
common-mode input range that includes the negative supply
rail and extends to 3 V below the positive supply. In addition,
the potential for phase reversal behavior was eliminated for all
input voltages within the power supplies.
The combination of low noise, dc precision, and high
bandwidth makes the AD8067 uniquely suited for wideband,
very high input impedance, high gain buffer applications. It is
also useful in wideband transimpedance applications, such as a
photodiode interface, that require very low input currents and
dc precision.
BASIC FREQUENCY RESPONSE
The AD8067’s typical open-loop response (see Figure 41) shows
a phase margin of 60° at a gain of +10. Typical configurations
for noninverting and inverting voltage gain applications are
shown in Figure 40 and Figure 42.
The closed-loop frequency response of a basic noninverting
gain configuration can be approximated by:
(
) (
)
G
F
G
R
R
R
GBP
Frequency
dB
Loop–3
Closed
+
×
=
DC Gain = RF/RG + 1
GBP is the gain bandwidth product of the amplifier. Typical
GBP for the AD8067 is 300 MHz. See Table 5 for the
recommended values for RG and RF.
1
+
=
G
F
R
R
Gain
Noise
ion
Configurat
ng
Noninverti
+VS
AD8067
+
–
RX
RLOAD
+
VOUT
–
RF
FOR BEST PERFORMANCE,
SET RS + RX = RG || RF
10
µF
0.1
µF
10
µF
+
0.1
µF
RG
RS
SIGNAL
SOURCE
–VS
VI
+
Figure 40. Noninverting Gain Configuration
FREQUENCY – MHz
90
0
10
20
30
40
50
60
70
80
–10
120
–150
–120
–90
–60
–30
0
30
60
90
–180
0.01
0.1
1
10
100
1000
PHASE
GAIN
Figure 41. Open-Loop Frequency Response
The bandwidth formula only holds true when the phase margin
of the application approaches 90°, which it will in high gain
configurations. The bandwidth of the AD8067 used in a
G = +10 buffer is 54 MHz, considerably faster than the 30 MHz
predicted by the closed loop –3 dB frequency equation. This
extended bandwidth is due to the phase margin being at 60°
instead of 90°. Gains lower than +10 show an increased amount
of peaking, as shown in Figure 4. For gains lower than +7, use
the AD8065, a unity gain stable JFET input op amp with a unity
gain bandwidth of 145 MHz, or refer to the Applications section
for using the AD8067 in a lower gain configuration.
Table 5. Recommended Values of RG and RF
Gain
RG (Ω)
RF (kΩ)
BW (MHz)
10
110
1
54
20
49.9
1
15
50
20
1
6
100
10
1
3
+VS
AD8067
+
–
RX
RLOAD
+
VOUT
–
RF
10
µF
0.1
µF
10
µF
0.1
µF
–VS
RG
RS
SIGNAL
SOURCE
VI
FOR BEST PERFORMANCE, SET RX = (RS + RG) || RF
+
+
Figure 42. Inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com