Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8606ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8606ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8606ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. O | Page 12 of 24
TIME (400ns/DIV)
VS = ±2.5V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 25. Large Signal Transient Response
TIME (400ns/DIV)
2.5V
–50mV
0V
VOUT
VIN
0V
VS = ±2.5V
RL = 10kΩ
AV = –100
VIN = 50mV
Figure 26. Positive Overload Recovery
VS = ±2.5V
RL = 10kΩ
AV = –100
VIN = 50mV
TIME (1µs/DIV)
–2.5V
50mV
0V
0V
Figure 27. Negative Overload Recovery
FREQUENCY (kHz)
36
20
4
32
28
12
8
24
16
VS = ±2.5V
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Figure 28. Voltage Noise Density vs. Frequency
0
6.7
20.1
13.4
26.8
40.2
33.5
53.6
46.9
FREQUENCY (kHz)
VS = ±2.5V
0
10
9
8
7
6
5
4
3
2
1
Figure 29. Voltage Noise Density vs. Frequency
0
14.9
44.7
29.8
59.6
89.4
74.5
119.2
104.3
FREQUENCY (Hz)
VS = ±2.5V
0
100
90
80
70
60
50
40
30
20
10
Figure 30. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com