Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8606ARMZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8606ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARMZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8606ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. O | Page 24 of 24
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 66. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
AD8605ACBZ-REEL7
−40°C to +125°C
5-Ball WLCSP
CB-5-1
A1J
AD8605ARTZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
B3A#
AD8605ARTZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
B3A#
AD8605ARTZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
B3A#
AD8606ARM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
B6A
AD8606ARMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
B6A#
AD8606ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
B6A#
AD8606ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8606ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8606ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8606ACBZ-REEL7
−40°C to +125°C
8-Ball WLCSP
CB-8-1
B6A#
AD8608ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8608ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8608ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8608ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8608ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
1
Z = RoHS Compliant Part, # denotes RoHS compliant product (except for CB-5-1) may be top or bottom marked.
©2002–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02731-0-11/17(O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com