Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8544WARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8544WARZ-R7
Description  CMOS Rail-to-Rail General-Purpose Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8544WARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8544WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 17Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
AD8541/AD8542/AD8544
APPLICATIONS INFORMATION
analog.com
Rev. H | 14 of 18
NOTCH FILTER
The AD854x have very high open-loop gain (especially with a
supply voltage below 4 V), which makes it useful for active filters
of all types. For example, Figure 36 illustrates the AD8542 in the
classic twin-T notch filter design. The twin-T notch is desired for
simplicity, low output impedance, and minimal use of op amps.
In fact, this notch filter can be designed with only one op amp if
Q adjustment is not required. Simply remove U2 as illustrated in
Figure 37. However, a major drawback to this circuit topology is
ensuring that all the Rs and Cs closely match. The components
must closely match or notch frequency offset and drift causes
the circuit to no longer attenuate at the ideal notch frequency. To
achieve desired performance, 1% or better component tolerances
or special component screens are usually required. One method
to desensitize the circuit-to-component mismatch is to increase
R2 with respect to R1, which lowers Q. A lower Q increases
attenuation over a wider frequency range but reduces attenuation at
the peak notch frequency.
Figure 36. 60 Hz Twin-T Notch Filter, Q = 10
Figure 37. 60 Hz Twin-T Notch Filter, Q = ∞ (Ideal)
Figure 38 is an example of the AD8544 in a notch filter circuit.
The frequency dependent negative resistance (FDNR) notch filter
has fewer critical matching requirements than the twin-T notch,
where as the Q of the FDNR is directly proportional to a single
resistor R1. Although matching component values is still important,
it is also much easier and/or less expensive to accomplish in the
FDNR circuit. For example, the twin-T notch uses three capacitors
with two unique values, whereas the FDNR circuit uses only two
capacitors, which may be of the same value. U3 is simply a buffer
that is added to lower the output impedance of the circuit.
Figure 38. FDNR 60 Hz Notch Filter with Output Buffer
COMPARATOR FUNCTION
A comparator function is a common application for a spare op
amp in a quad package. Figure 39 illustrates ¼ of the AD8544 as
a comparator in a standard overload detection application. Unlike
many op amps, the AD854x family can double as comparators
because this op amp family has a rail-to-rail differential input range,
rail-to-rail output, and a great speed vs. power ratio. R2 is used
to introduce hysteresis. The AD854x, when used as comparators,
have 5 µs propagation delay at 5 V and 5 µs overload recovery
time.
Figure 39. AD854x Comparator Application—Overload Detector
PHOTODIODE APPLICATION
The AD854x family has very high impedance with an input bias
current typically around 4 pA. This characteristic allows the AD854x
op amps to be used in photodiode applications and other applica-
tions that require high input impedance. Note that the AD854x
has significant voltage offset that can be removed by capacitive
coupling or software calibration.
Figure 40 illustrates a photodiode or current measurement applica-
tion. The feedback resistor is limited to 10 MΩ to avoid excessive
output offset. In addition, a resistor is not needed on the noninvert-
ing input to cancel bias current offset because the bias current-re-
lated output offset is not significant when compared to the voltage
offset contribution. For best performance, follow the standard high
impedance layout techniques, which include the following:
►
Shielding the circuit.
►
Cleaning the circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com