Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8544WARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8544WARZ-R7
Description  CMOS Rail-to-Rail General-Purpose Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8544WARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8544WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 17Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Data Sheet
AD8541/AD8542/AD8544
OUTLINE DIMENSIONS
©2008-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. H | 18 of 18
Figure 47. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
Updated: December 20, 2023
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
AD8541AKSZ-REEL7
-40°C to +125°C
5-Lead SC70
Reel, 3000
KS-5
A12
AD8541ARTZ-REEL
-40°C to +125°C
5-Lead SOT-23
Reel, 10000
RJ-5
A4A
AD8541ARTZ-REEL7
-40°C to +125°C
5-Lead SOT-23
Reel, 3000
RJ-5
A4A
AD8541ARZ
-40°C to +125°C
8-Lead SOIC
R-8
AD8541ARZ-REEL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8541ARZ-REEL7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8542ARMZ
-40°C to +125°C
8-Lead MSOP
RM-8
AVA
AD8542ARMZ-REEL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
AVA
AD8542ARUZ
-40°C to +125°C
8-Lead TSSOP
RU-8
AD8542ARUZ-REEL
-40°C to +125°C
8-Lead TSSOP
Reel, 2500
RU-8
AD8542ARZ
-40°C to +125°C
8-Lead SOIC
R-8
AD8542ARZ-REEL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8542ARZ-REEL7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8544ARUZ
-40°C to +125°C
14-Lead TSSOP
RU-14
AD8544ARUZ-REEL
-40°C to +125°C
14-Lead TSSOP
Reel, 2500
RU-14
AD8544ARZ
-40°C to +125°C
14-Lead SOIC
R-14
AD8544ARZ-REEL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
AD8544ARZ-REEL7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
AD8544WARZ-R7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
AD8544WARZ-RL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8544W models are available with controlled manufacturing to support the quality and reliability requirements of automotive applications.
Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should review the
Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive applications.
Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive
Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com