Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8945 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8945
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8945 Datasheet HTML 4Page - NXP Semiconductors TDA8945 Datasheet HTML 5Page - NXP Semiconductors TDA8945 Datasheet HTML 6Page - NXP Semiconductors TDA8945 Datasheet HTML 7Page - NXP Semiconductors TDA8945 Datasheet HTML 8Page - NXP Semiconductors TDA8945 Datasheet HTML 9Page - NXP Semiconductors TDA8945 Datasheet HTML 10Page - NXP Semiconductors TDA8945 Datasheet HTML 11Page - NXP Semiconductors TDA8945 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
8 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
12. Dynamic characteristics
[1]
The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a source impedance
RS =0 Ω at the input.
[2]
Supply voltage ripple rejection is measured at the output, with a source impedance RS =0 Ω at the input. The ripple voltage is a sine
wave with a frequency fripple and an amplitude of 700 mV (RMS), which is applied to the positive supply rail.
[3]
Output voltage in mute mode is measured with an input voltage of 1 V (RMS) in a bandwidth of 20 kHz, so including noise.
Table 8:
Dynamic characteristics
VCC =18V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; measured in test circuit Figure 13; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
THD = 10%
13
15
-
W
THD = 0.5%
10
11.5
-
W
THD
total harmonic distortion
Po = 1 W
-
0.03
0.1
%
Gv
voltage gain
31
32
33
dB
Zi(dif)
differential input impedance
70
90
110
k
Ω
Vn(o)
noise output voltage
[1] -
90
120
µV
SVRR
supply voltage ripple rejection
fripple = 1 kHz
[2] 50
65
-
dB
fripple = 100 Hz
to 20 kHz
[2] -60
-
dB
Vo(mute)
output voltage
mute mode
[3] --50
µV
Fig 5.
Output voltage as function of mode voltage.
handbook, full pagewidth
VMODE (V)
20
MGU055
16
8
412
0
Vo
(V)
1
10
10−1
10−6
10−2
10−3
10−4
10−5
VCC = 18 V
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com