Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8945 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8945
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8945 Datasheet HTML 9Page - NXP Semiconductors TDA8945 Datasheet HTML 10Page - NXP Semiconductors TDA8945 Datasheet HTML 11Page - NXP Semiconductors TDA8945 Datasheet HTML 12Page - NXP Semiconductors TDA8945 Datasheet HTML 13Page - NXP Semiconductors TDA8945 Datasheet HTML 14Page - NXP Semiconductors TDA8945 Datasheet HTML 15Page - NXP Semiconductors TDA8945 Datasheet HTML 16Page - NXP Semiconductors TDA8945 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
13 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
14. Application information
14.1 Printed-circuit board (PCB)
14.1.1
Layout and grounding
For a high system performance level certain grounding techniques are essential.
The input reference grounds have to be tied with their respective source grounds and
must have separate tracks from the power ground tracks; this will prevent the large
(output) signal currents from interfering with the small AC input signals.
The small-signal ground tracks should be physically located as far as possible from
the power ground tracks. Supply and output tracks should be as wide as possible for
delivering maximum output power.
Fig 13. Application diagram.
handbook, full pagewidth
2
OUT
−
Rs
Symmetrical
input
RL
8
Ω
OUT
+
GND
MGU048
IN
−
IN
+
MODE
SVR
220 nF
5
4
7
6
1
3
8
+VCC
1000
µF
100 nF
20 k
Ω
20 k
Ω
10
µF
−
−
−
+
+
+
+
−
Ri
45 k
Ω
Ri
45 k
Ω
30 k
Ω
30 k
Ω
R
C1
C2
R
VCC
VCC
signal
GND
TDA8945S
signal
GND
SHORT CIRCUIT
AND
TEMPERATURE
PROTECTION
STANDBY/
MUTE LOGIC
MICROCONTROLLER
Standby
MODE
Mute
On
0
0
1
0
C1
C2
1
0
1/2 VCC
220 nF
1.5
nF
Ci
Rs
Asymmetrical
input
220 nF
220 nF
Ci
1/2 VCC
1/2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com