Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8946 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8946
Description  2 x 15 W stereo Bridge Tied Load BTL audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8946 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8946 Datasheet HTML 9Page - NXP Semiconductors TDA8946 Datasheet HTML 10Page - NXP Semiconductors TDA8946 Datasheet HTML 11Page - NXP Semiconductors TDA8946 Datasheet HTML 12Page - NXP Semiconductors TDA8946 Datasheet HTML 13Page - NXP Semiconductors TDA8946 Datasheet HTML 14Page - NXP Semiconductors TDA8946 Datasheet HTML 15Page - NXP Semiconductors TDA8946 Datasheet HTML 16Page - NXP Semiconductors TDA8946 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Philips Semiconductors
TDA8946J
2 x 15 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
13 of 23
9397 750 06863
© Philips Electronics N.V. 2000. All rights reserved.
13. Internal circuitry
Table 9:
Internal circuitry
Pin
Symbol
Equivalent circuit
6 and 8
IN1+ and IN1
−
12 and 9
IN2+ and IN2
−
1 and 4
OUT1- and OUT1+
14 and 17
OUT2
− and OUT2+
10
MODE
11
SVR
1.5 k
Ω
1.5 k
Ω
45 k
Ω
45 k
Ω
VCC
VCC
VCC
MGL946
1/2 VCC
(SVR)
8, 9
6, 12
40
Ω
100
Ω
MGL947
1, 4, 14, 17
1/2 VCC
1 k
Ω
20 k
Ω
OFF
HIGH
MUTE
HIGH
1 k
Ω
VCC
VCC
VCC
MGL949
10
Standby
20 k
Ω
20 k
Ω
VCC
MGL948
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com