Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8946 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8946
Description  2 x 15 W stereo Bridge Tied Load BTL audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8946 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8946 Datasheet HTML 14Page - NXP Semiconductors TDA8946 Datasheet HTML 15Page - NXP Semiconductors TDA8946 Datasheet HTML 16Page - NXP Semiconductors TDA8946 Datasheet HTML 17Page - NXP Semiconductors TDA8946 Datasheet HTML 18Page - NXP Semiconductors TDA8946 Datasheet HTML 19Page - NXP Semiconductors TDA8946 Datasheet HTML 20Page - NXP Semiconductors TDA8946 Datasheet HTML 21Page - NXP Semiconductors TDA8946 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
TDA8946J
2 x 15 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
18 of 23
9397 750 06863
© Philips Electronics N.V. 2000. All rights reserved.
17. Soldering
17.1 Introduction to soldering through-hole mount packages
This text gives a brief insight to wave, dip and manual soldering. A more in-depth
account of soldering ICs can be found in our
Data Handbook IC26; Integrated Circuit
Packages (document order number 9398 652 90011).
Wave soldering is the preferred method for mounting of through-hole mount IC
packages on a printed-circuit board.
17.2 Soldering by dipping or by solder wave
The maximum permissible temperature of the solder is 260
°C; solder at this
temperature must not be in contact with the joints for more than 5 seconds. The total
contact time of successive solder waves must not exceed 5 seconds.
The device may be mounted up to the seating plane, but the temperature of the
plastic body must not exceed the specified maximum storage temperature (Tstg(max)).
If the printed-circuit board has been pre-heated, forced cooling may be necessary
immediately after soldering to keep the temperature within the permissible limit.
17.3 Manual soldering
Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the
seating plane or not more than 2 mm above it. If the temperature of the soldering iron
bit is less than 300
°C it may remain in contact for up to 10 seconds. If the bit
temperature is between 300 and 400
°C, contact may be up to 5 seconds.
17.4 Package related soldering information
[1]
For SDIP packages, the longitudinal axis must be parallel to the transport direction of the
printed-circuit board.
Table 10: Suitability of through-hole mount IC packages for dipping and wave soldering
methods
Package
Soldering method
Dipping
Wave
DBS, DIP, HDIP, SDIP, SIL
suitable
suitable [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com