Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4431-1YCPZ-R2
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4431-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADA4431-1
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VS = 3.0 V (@ TA = 25°C, VIN = 1 V p-p, RL = 150 Ω, DIS = 3.0 V, charge pump on), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ELECTRICAL SPECIFICATIONS
Quiescent Supply Current
Normal Mode
Video load present
4.7
7.2
mA
Load Searching Mode
No video load
0.1
mA
Disabled Mode
DIS = 0 V
24
μA
Disable Pin Current
DIS = 3.0 V (enabled and charge pump on)
3
6
μA
DIS = 0 V (disabled)
−17
−30
μA
Supply Voltage Range
2.5
3.6
V
Input Voltage
Limited by output range
1.3
V
Input Resistance
10
MΩ
Input Capacitance
1
pF
Output Voltage Range
−0.8 to +2.8
V
Output Offset Voltage
−650
−600
−560
mV
Power Supply Rejection
f = 100 kHz, output referred
36
42
dB
Pass-Band Gain
5.7
6.0
6.2
dB
Input-to-Output Isolation—Disabled
f = 1 MHz, DIS = 0 V
89
dB
FILTER CHARACTERISTICS
−3 dB Bandwidth
7.1
7.9
9.1
MHz
1 dB Flatness
6
MHz
Out-of-Band Rejection
f = 27 MHz
25
27
dB
Differential Gain
Modulated 10 step ramp, sync tip at 0 V
0.7
%
Differential Phase
Modulated 10 step ramp, sync tip at 0 V
0.3
Degrees
Linear Output Current
40
mA
Group Delay Variation
f = 100 kHz to 5 MHz
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com