Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4431-1YCPZ-R2
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4431-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADA4431-1
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-248-UEED.
1
0.50
BSC
PIN 1
INDICATOR
TOP VIEW
BOTTOM VIEW
SEATING
PLANE
INDEX
AREA
0.60
0.55
0.51
0.30
0.25
0.18
0.05 MAX
0.02 NOM
0.40 MAX
0.30 NOM
0.08 REF
3.00
BSC SQ
1.80
1.70 SQ
1.55
16
5
13
8
9
12
4
EXPOSED
PAD
Figure 20. 16-Lead Lead Frame Chip Scale Package [LFCSP_UQ]
3 mm × 3 mm Body, Ultra Thin Quad
(CP-16-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
Ordering Quantity
ADA4431-1YCPZ-R21
−40°C to +85°C
16-Lead LFCSP_UQ
CP-16-12
H12
250
ADA4431-1YCPZ-R71
−40°C to +85°C
16-Lead LFCSP_UQ
CP-16-12
H12
3,000
ADA4431-1YCPZ-RL1
−40°C to +85°C
16-Lead LFCSP_UQ
CP-16-12
H12
10,000
T
1 Z = RoHS Compliant Part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06734-0-8/07(0)
TTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com