Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9144 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9144
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9144 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9144 Datasheet HTML 17Page - NXP Semiconductors TDA9144 Datasheet HTML 18Page - NXP Semiconductors TDA9144 Datasheet HTML 19Page - NXP Semiconductors TDA9144 Datasheet HTML 20Page - NXP Semiconductors TDA9144 Datasheet HTML 21Page - NXP Semiconductors TDA9144 Datasheet HTML 22Page - NXP Semiconductors TDA9144 Datasheet HTML 23Page - NXP Semiconductors TDA9144 Datasheet HTML 24Page - NXP Semiconductors TDA9144 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1996 Jan 17
21
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free PAL/NTSC/SECAM
decoder/sync processor with PALplus helper demodulator
TDA9144
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
Quality level in accordance with
“SNW-FQ-611-E” is applicable for ESD protection, human body model:
±3000 V,
100 pF, 1500
Ω on all pins. Machine model: ±300 V, 200 pF, 0 Ω on all pins. The number of the quality specification can
be found in the
“Quality Reference Handbook”. The handbook can be ordered using the code 9397 750 00192.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
−−
9.0
V
ICC
supply current
−−
70
mA
Ptot
total power dissipation
−−
630
mW
Tstg
storage temperature
−55
−
+150
°C
Tamb
operating ambient temperature
−10
−
+70
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
48
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com