Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9144 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9144
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9144 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9144 Datasheet HTML 22Page - NXP Semiconductors TDA9144 Datasheet HTML 23Page - NXP Semiconductors TDA9144 Datasheet HTML 24Page - NXP Semiconductors TDA9144 Datasheet HTML 25Page - NXP Semiconductors TDA9144 Datasheet HTML 26Page - NXP Semiconductors TDA9144 Datasheet HTML 27Page - NXP Semiconductors TDA9144 Datasheet HTML 28Page - NXP Semiconductors TDA9144 Datasheet HTML 29Page - NXP Semiconductors TDA9144 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1996 Jan 17
26
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free PAL/NTSC/SECAM
decoder/sync processor with PALplus helper demodulator
TDA9144
Horizontal section
CLP OUTPUT (OPB/CLP MODE); HA OUTPUT (LLC/HA) MODE (BOTH ON PIN 17)
VOH
HIGH level output voltage
4.0
5
5.5
V
VOL
LOW level output voltage
−
0.2
0.4
V
Isink
sink current
2
−−
mA
Isource
source current
2
−−
mA
tW(HA)
HA pulse width (32 LLC pulses)
−
4.65
−µs
td
delay between middle of horizontal
sync pulse and middle of HA
note 4
0.3
0.45
0.6
µs
tW
CLP pulse width (25 LLC pulses)
−
3.65
−µs
td
delay start CLP pulse to start black
set-up (33 LLC pulses + Y delay)
HD = 1 or MACP = 1; YD3 to
YD0 = 1011; see Fig.5
−
5.35
−µs
td
delay between middle of horizontal
sync pulse and start of CLP pulse
note 4
3.0
3.2
3.4
µs
σ
6
σ jitter
ϕ1 in auto mode
−−
5ns
FIRST LOOP (
ϕ1)
∆f
frequency deviation when not locked
−−
1.5
%
∆VCC
supply voltage dependence
−
40
−
Hz/V
fCR
catching range
±625
−−
Hz
fHR
holding range
−−±1.0
kHz
φ
static phase shift
−−
0.1
µs/kHz
LLC OUTPUT (PIN 16); LLC/HA MODE
fo
output frequency
440
× f
H
50 Hz standard
−
6.875
−
MHz
440
× f
H
60 Hz standard
−
6.923
−
MHz
Vo(p-p)
output amplitude
(peak-to-peak value)
0.25
−−
V
Vo
DC output voltage level
−
2.5
V
td
delay between negative edge of LLC
and positive edge of HA pulse
CL = 15 pF
102040ns
Vertical section
VERTICAL OSCILLATOR
ffr
free running frequency
FORF = 1; divider ratio 628
−
50
−
Hz
FORF = 0; divider ratio 528
−
60
−
Hz
fLR
frequency locking range
43
−
64
Hz
LR
divider locking range
488
625
722
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com