Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDQSSPA1.14 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GDQSSPA1.14
Description  The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDQSSPA1.14 Datasheet(HTML) 2 Page - OSRAM GmbH

  GDQSSPA1.14 Datasheet HTML 1Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 2Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 3Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 4Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 5Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 6Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 7Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 8Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GD QSSPA1.14
DATASHEET
DATASHEET
2 | Version 1.4 | 2022-11-25
OSCONIQ® P 3030
GD QSSPA1.14
The OSCONIQ P 3030 Colors family LED comes with well
known superior robustness, high reliability, long lifetime, low
thermal resistance. Compact and proven 3mm x 3mm package
and established footprint. Perfectly addressing applications that
demand for high efficiency and long lifetime.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD epoxy package
- Typ. Radiation: 120°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 760 mW
- Radiant Efficiency: typ. 75 %
- Photosynthetic Photon Flux: typ. 2.87 μmol/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com