Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDQSSPA1.14 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GDQSSPA1.14
Description  The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDQSSPA1.14 Datasheet(HTML) 5 Page - OSRAM GmbH

  GDQSSPA1.14 Datasheet HTML 1Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 2Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 3Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 4Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 5Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 6Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 7Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 8Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GD QSSPA1.14
DATASHEET
DATASHEET
5 | Version 1.4 | 2022-11-25
Characteristics
I
F = 350 mA; TJ = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
451 nm
Dominant Wavelength 2)
I
F = 350 mA
λ
dom
min.
typ.
max.
439 nm
449 nm
457 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
20 nm
Viewing angle at 50% I
V
2φ
typ.
130 °
Forward Voltage 3)
I
F = 350 mA
V
F
min.
typ.
max.
2.75 V
2.85 V
3.25 V
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 68 %
R
thJS elec.
typ.
2.9 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com