Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9150 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9150
Description  Programmable deflection controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9150 Datasheet HTML 17Page - NXP Semiconductors TDA9150 Datasheet HTML 18Page - NXP Semiconductors TDA9150 Datasheet HTML 19Page - NXP Semiconductors TDA9150 Datasheet HTML 20Page - NXP Semiconductors TDA9150 Datasheet HTML 21Page - NXP Semiconductors TDA9150 Datasheet HTML 22Page - NXP Semiconductors TDA9150 Datasheet HTML 23Page - NXP Semiconductors TDA9150 Datasheet HTML 24Page - NXP Semiconductors TDA9150 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
July 1994
21
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
CHARACTERISTICS
VCC = 8V;Tamb = 25 °C; DGND = AGND = 0 V; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
7.2
8.0
8.8
V
ICC
supply current
note 1;
fclk = 6.75 MHz
−
27
−
mA
Ptot
total power dissipation
−
220
−
mW
Vpor
power-on reset
POR 1-to-0
transition
−
6.25
7.0
V
POR 0-to-1
transition
5.0
5.75
−
V
SDA and SCL (pins 17 and 18)
V17
SDA input voltage
0
−
5.5
V
VIL
LOW level input voltage (pin 17)
−−
1.5
V
VIH
HIGH level input voltage (pin 17)
3.5
−−
V
IIL
LOW level input current (pin 17)
V17 = VSSD
−−
−10
µA
IIH
HIGH level input current (pin 17)
V17 = VCC
−−
10
µA
VOL
LOW level output voltage (pin 17) IIL = 3 mA
−−
0.4
V
V18
SCL input voltage
0
−
5.5
V
VIL
LOW level input voltage (pin 18)
−−
1.5
V
VIH
HIGH level input voltage (pin 18)
3.5
−−
V
IIL
LOW level input current (pin 18)
V18 = VSSD
−−
−10
µA
IIH
HIGH level input current (pin 18)
V18 = VCC
−−
10
µA
Line-locked clock and line-locked clock select (pins 14 and 5)
VIL
LOW level input voltage (pin 14)
−−
0.8
V
VIH
HIGH level input voltage (pin 14)
2.0
−−
V
I14
input current
V14 = <5.5 V
−10
−
+10
µA
tr
rise time
0
−
1
⁄2tLLC
tf
fall time
0
−
1
⁄2tLLC
δ0
duty factor
LLCS = logic 0;
at 1.4 V; note 2
40
50
60
%
δ1
duty factor
LLCS = logic 1;
at 1.4 V; note 2
25
50
75
%
TIMING (PRESCALER ON;fclk = 1⁄2fLLC WHERE fclk = INTERNAL CLOCK)
fLLC
line-locked clock frequency
12.4
−
29.2
MHz
K
line-locked clock frequency ratio
between fLLC and fH
H locked
856
864
865
H unlocked
−
866
−
line-locked clock frequency ratio
between fclk and fH
H locked
428
432
432.5
H unlocked
−
433
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com