Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9150 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9150
Description  Programmable deflection controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9150 Datasheet HTML 22Page - NXP Semiconductors TDA9150 Datasheet HTML 23Page - NXP Semiconductors TDA9150 Datasheet HTML 24Page - NXP Semiconductors TDA9150 Datasheet HTML 25Page - NXP Semiconductors TDA9150 Datasheet HTML 26Page - NXP Semiconductors TDA9150 Datasheet HTML 27Page - NXP Semiconductors TDA9150 Datasheet HTML 28Page - NXP Semiconductors TDA9150 Datasheet HTML 29Page - NXP Semiconductors TDA9150 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
July 1994
26
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
EW PARABOLA/WIDTH RATIO
CR
control range
note 9
1
−
19
%
Ieq
equivalent output current
width = 100%
10
−
430
µA
width = 80%
10
−
345
µA
number of steps
−
63
−
EW CORNER/EW PARABOLA RATIO
CR
control range
notes 9 and 12
40
−
0%
Ieq
equivalent output current
width = 100%
0
−
200
µA
width = 80%
0
−
160
µA
number of steps
−
63
−
EW TRAPEZIUM CORRECTION
EW trapezium/width ratio
note 9
−1.5
−
+1.5
%
number of steps
−
7
−
EHT input (pin 7)
Vref
reference voltage
BLDS = logic 1
−
3.9
−
V
BLDS = logic 0
−
VCC
−
V
VI
input voltage w.r.t Vref
BLDS = logic 1
−20
0
+20
%
VI
input voltage w.r.t VCC
BLDS = logic 0
0
−−2Vref
V
mscan
scan modulation
−10
0
+9.7
%
mGC
modulation gain control
0
−
1
number of steps
−
63
−
II
input current
−100
−
+100
nA
RCONV input (pin 8)
VO
output voltage
I8 = −120 µA
3.7
3.9
4.1
V
I8
current range
−100
−120
−150
µA
PROT input (pin 3)
VI
input voltage
0
−
VCC
V
V3
voltage detection level
3.7
3.9
4.1
V
II
input current
−10
−
+10
µA
FLASH detection input (pin 9)
VI
input voltage
0
−
VCC
V
V9
voltage detection level
falling edge
0.5
0.75
1.0
V
H
detection level hysteresis
0.3
0.5
0.8
V
I9
detection pull-up current
−4
−8
−16
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com