Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTJTLPS1.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GTJTLPS1.13
Description  The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTJTLPS1.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  GTJTLPS1.13 Datasheet HTML 1Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 2Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 3Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 4Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 5Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 6Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 7Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 8Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
GT JTLPS1.13
1 Version 1.3 | 2020-09-02
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GT JTLPS1.13
DURIS® E 2835
The DURIS® E 2835 color family provide excellent
supreme efficacy in cost effective industry standard
LED. DURIS® E 2835 never fails to impress with its
performance on system level.
—
Architecture
—
Lamp Retrofits
—
Mood Lighting
—
Stage Lighting (LED & Laser)
Features:
—
Package: white SMT package, colored diffused silicone resin
—
Typ. Radiation: 120° (Lambertian emitter)
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Luminous Flux: typ. 67.7 lm
—
Luminous efficacy: typ. 153 lm/W


Similar Part No. - GTJTLPS1.13

ManufacturerPart #DatasheetDescription
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
GTJTLPS1.13-KKLN-25-1 AMSCO-GTJTLPS1.13-KKLN-25-1 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
More results

Similar Description - GTJTLPS1.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
Cost Effective LED Controller
logo
Lumileds Lighting Compa...
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
High efficacy with industry standard footprint
20191013
logo
EDA Technology Co.,LTD
REIMEI1 EDATEC-REIMEI1 Datasheet
1Mb / 14P
AN EXCELLENT AND COST-EFFECTIVE SINGLE-BOARD COMPUTER
2023-03-18
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
GWJDSTS2.CM AMSCO-GWJDSTS2.CM Datasheet
2Mb / 26P
Introducing the new Generation-2 DURIS® E 5 which combines higher efficacy and higher flux in a compact industry-compatible form factor (5.6 mm x 3.0 mm).
Version 1.5 2023-03-09
GRPSLM31.23 AMSCO-GRPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime. Ideal choice for indoor General Lighting applications.
Version 1.5 2020-11-23
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com