Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTJTLPS1.13 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GTJTLPS1.13
Description  The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTJTLPS1.13 Datasheet(HTML) 5 Page - OSRAM GmbH

  GTJTLPS1.13 Datasheet HTML 1Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 2Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 3Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 4Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 5Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 6Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 7Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 8Page - OSRAM GmbH GTJTLPS1.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
GT JTLPS1.13
5 Version 1.3 | 2020-09-02
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 150 mA
I
F = 150 mA
min.
max.
Φ
V
Φ
V
KK
64 lm
68 lm
KL
68 lm
72 lm
KM
72 lm
76 lm
KN
76 lm
80 lm
LK
80 lm
84 lm
LL
84 lm
88 lm
LM
88 lm
92 lm
LN
92 lm
96 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 150 mA
I
F = 150 mA
min.
max.
V
F
V
F
K2
2.7 V
2.8 V
L1
2.8 V
2.9 V
L2
2.9 V
3.0 V
M1
3.0 V
3.1 V
Wavelength Groups
Group
Dominant Wavelength 2)
Dominant Wavelength 2)
I
F = 150 mA
I
F = 150 mA
min.
max.
λ
dom
λ
dom
2
517 nm
522 nm
3
522 nm
527 nm
4
527 nm
532 nm
5
532 nm
537 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com