Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9171 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9171
Description  YUV picture improvement processor based on histogram modification and blue stretch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9171 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9171 Datasheet HTML 4Page - NXP Semiconductors TDA9171 Datasheet HTML 5Page - NXP Semiconductors TDA9171 Datasheet HTML 6Page - NXP Semiconductors TDA9171 Datasheet HTML 7Page - NXP Semiconductors TDA9171 Datasheet HTML 8Page - NXP Semiconductors TDA9171 Datasheet HTML 9Page - NXP Semiconductors TDA9171 Datasheet HTML 10Page - NXP Semiconductors TDA9171 Datasheet HTML 11Page - NXP Semiconductors TDA9171 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Jun 17
8
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification and blue stretch
TDA9171
Histogram measurement
HISTOGRAM UPDATES AT HMX (PINS 9 TO 13)
QHMb
segment bleeder accuracy
−−
2%
VHM(av)
average voltage level for 5 segments
−
1.0
−
V
VHM(min)
minimum segment voltage level
0
−−
V
VHM(max)
maximum segment voltage level
−
5.0
−
V
IHMbias
input bias current
−−
0.1
µA
TIME CONSTANT CONTROL TAUHM (PIN 8)
tthmr
response speed
see Fig.3
−−−
Qthms
static error
see Fig.4
−−−
Ithm(bias)
input bias current
−−
0.1
µA
Vthm(l)
control voltage lower limit
−
1.0
−
V
Vthm(h)
control voltage upper limit
−
2.0
−
V
MISCOUNT DETECTION
Qmc(d)
miscount detection level
−
4
−
%
td(mcp)
miscount propagation delay
20% step
−
25
−
ns
tmcd(o)
miscount detection on-time each
event
−
0.36
−µs
tmcY
mismatch propagation delay and
luminance delay
−−
20
ns
Qmc(aW)
miscount activation level at white
no miscount
−
90
−
%
Qmc(dW)
miscount deactivation level at white
miscount
−
87
−
%
Processing of measured histogram values
WHITE POINT STRETCH
GWP
maximum gain luminance for white
stretch (HM pattern = 00113)
maximum NLC gain
−
1.1
−
Non-linear amplifier
NON-LINEAR GAIN SET BY HMX (PINS 9 TO 13)
Qnl(b)
segment bleeder accuracy
−−
3%
Gnlc(min)
minimum gain segment
(HM pattern = 31100)
maximum NLC gain
−
0.36
−
Gnlc(max)
maximum gain segment
(HM pattern = 31100)
maximum NLC gain
−
2.28
−
NON-LINEAR SETTING NLC (PIN 4)
Gnlc
non-linear control curve
see Fig.5
−−−
ViNLC(l)
control voltage lower limit
−
0
−
V
ViNLC(h)
control voltage upper limit
−
5.0
−
V
IiNLC(bias)
input bias current
−−
0.5
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com