Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9171 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9171
Description  YUV picture improvement processor based on histogram modification and blue stretch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9171 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9171 Datasheet HTML 9Page - NXP Semiconductors TDA9171 Datasheet HTML 10Page - NXP Semiconductors TDA9171 Datasheet HTML 11Page - NXP Semiconductors TDA9171 Datasheet HTML 12Page - NXP Semiconductors TDA9171 Datasheet HTML 13Page - NXP Semiconductors TDA9171 Datasheet HTML 14Page - NXP Semiconductors TDA9171 Datasheet HTML 15Page - NXP Semiconductors TDA9171 Datasheet HTML 16Page - NXP Semiconductors TDA9171 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Jun 17
13
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification and blue stretch
TDA9171
TEST AND APPLICATION INFORMATION
The TDA9171 is especially designed for YUV applications. A typical application diagram is shown in Fig.8. Jumpers
J1 and J2 can be used to select the appropriate luminance amplitude mode. Potentiometers BLG, BLM and NLC can be
used to apply proper blue stretch and non-linear amplifier control voltages.
The TDA9171 is also prepared for YC-processing. A typical application diagram is shown in Fig.9. Jumpers J1 and J2
can be used to select the appropriate luminance amplitude mode. Potentiometer NLC can be used to apply the proper
non-linear amplifier control voltage. For the chroma processing either the U- or V-channel can be used, however both
channels need to be DC-decoupled and the DC-decoupling capacitor value should be such that the burst period of the
chroma signal Cin is very softly clamped. The blue stretch circuitry cannot be used in YC-applications and should be
switched off by connecting both blue stretch adjustments (BLG and BLG) to ground.
Fig.8 YUV application.
handbook, full pagewidth
TDA9171
MGD298
1
2
3
UIN
UOUT
VOUT
YOUT
GND
VCC
VIN
YIN
J1
J2
SC
4
5
6
7
8
9
10
20
BLM
BLG
19
18
17
16
15
14
13
12
10 nF
100 nF
100 nF
10 nF
10 nF
11
220 nF
10 nF
10 nF
100 nF
10 nF
10 nF
220 k
Ω
470 k
Ω
470 k
Ω
470 k
Ω
180 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com