Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-1ARJZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4505-1ARJZ-R7
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ARJZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4505-1ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Data Sheet
Rev. E | Page 4 of 24
ELECTRICAL CHARACTERISTICS—5 V OPERATION
VSY = 5 V, VCM = VSY/2, TA = 25°C, RL = 100 kΩ to GND, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0 V ≤ VCM ≤ 5 V
0.5
3
mV
−40°C ≤ TA ≤ +125°C
4
mV
Input Bias Current
IB
0.5
2
pA
−40°C ≤ TA ≤ +85°C
50
pA
−40°C ≤ TA ≤ +125°C
375
pA
Input Offset Current
IOS
0.05
1
pA
−40°C ≤ TA ≤ +85°C
25
pA
−40°C ≤ TA ≤ +125°C
130
pA
Input Voltage Range
−40°C ≤ TA ≤ +125°C
0
5
V
Common-Mode Rejection Ratio
CMRR
0 V ≤ VCM ≤ 5 V
90
105
dB
−40°C ≤ TA ≤ +85°C
90
dB
−40°C ≤ TA ≤ +125°C
85
dB
Large Signal Voltage Gain
AVO
0.05 V ≤ VOUT ≤ 4.95 V,
RL = 100 kΩ to VCM
105
120
dB
−40°C ≤ TA ≤ +125°C
100
dB
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
2
µV/°C
Input Resistance
RIN
220
GΩ
Input Capacitance Differential Mode
CINDM
2.5
pF
Input Capacitance Common Mode
CINCM
4.7
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND
4.98
4.99
V
−40°C ≤ TA ≤ +125°C
4.98
V
RL = 10 kΩ to GND
4.9
4.95
V
−40°C ≤ TA ≤ +125°C
4.9
V
Output Voltage Low
VOL
RL = 100 kΩ to VSY
2
5
mV
−40°C ≤ TA ≤ +125°C
5
mV
RL = 10 kΩ to VSY
10
25
mV
−40°C ≤ TA ≤ +125°C
25
mV
Short-Circuit Limit
ISC
VOUT = VSY or GND
±40
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 1.8 V to 5 V
100
110
dB
−40°C ≤ TA ≤ +85°C
100
dB
−40°C ≤ TA ≤ +125°C
95
dB
Supply Current per Amplifier
ISY
VOUT = VSY/2
ADA4505-1
9
10.5
µA
–40°C ≤ TA ≤ +125°C
15
µA
ADA4505-2/ADA4505-4
7
10
µA
−40°C ≤ TA ≤ +125°C
15
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 20 pF, G = 1
6
mV/µs
Gain Bandwidth Product
GBP
RL = 1 MΩ, CL = 20 pF, G = 1
50
kHz
Phase Margin
ΦM
RL = 1 MΩ, CL = 20 pF, G = 1
52
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
2.95
µV p-p
Voltage Noise Density
en
f = 1 kHz
65
nV/√Hz
Current Noise Density
in
f = 1 kHz
20
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com