Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-1ARJZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4505-1ARJZ-R7
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ARJZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4505-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADA4505-1/ADA4505-2/ADA4505-4
Rev. E | Page 13 of 24
TA = 25°C, unless otherwise noted.
1.8
1.5
1.2
0.9
0.6
0.3
0
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 1.8V
VIN = 1.7V
G = 1
RL = 100kΩ
Figure 49. Output Swing vs. Frequency
VSY = ±0.9V
G = 1
RL = 100kΩ
CL = NO LOAD
VIN
VOUT
TIME (400µs/DIV)
Figure 50. No Phase Reversal
6
5
4
3
2
1
0
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 5V
VIN = 4.9V
G = 1
RL = 100kΩ
Figure 51. Output Swing vs. Frequency
12
TIME (400µs/DIV)
VOUT
VSY = ±2.5V
G = 1
RL = 100kΩ
CL = NO LOAD
VIN
Figure 52. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com