Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-2ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4505-2ACBZ-R7
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-2ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4505-2ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADA4505-1/ADA4505-2/ADA4505-4
Rev. E | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
5.5 V
Input Voltage
±VSY ± 0.1 V
Input Current1
±10 mA
Differential Input Voltage2
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Input pins have clamp diodes to the supply pins. Limit input current to 10 mA
or less whenever the input signal exceeds the power supply rail by 0.1 V.
2
Differential input voltage is limited to 5 V or the supply voltage, whichever is less.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages with its
exposed paddle soldered to a pad (if applicable). Simulated
thermal numbers on a 4-layer (2S/2P) JEDEC standard thermal
test board, unless otherwise specified.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ-5)
190
92
°C/W
6-Ball WLCSP (CB-6-7)
105
2.6
°C/W
8-Lead MSOP (RM-8)
142
45
°C/W
8-Ball WLCSP (CB-8-2)
82
N/A
°C/W
14-Lead TSSOP (RU-14)
112
35
°C/W
14-Ball WLCSP (CB-14-1)
64
N/A
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com