Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-2ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4505-2ACBZ-R7
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-2ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4505-2ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADA4505-2ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Data Sheet
Rev. E | Page 10 of 24
TA = 25°C, unless otherwise noted.
120
100
80
60
40
20
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 1.8V
Figure 31. CMRR vs. Frequency
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 1.8V
PSRR+
PSRR–
Figure 32. PSRR vs. Frequency
140
130
120
110
100
90
80
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
1.8V ≤ VSY ≤ 5V
Figure 33. PSRR vs. Temperature
120
100
80
60
40
20
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V
Figure 34. CMRR vs. Frequency
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V
PSRR+
PSRR–
Figure 35. PSRR vs. Frequency
1k
100
10
1
10
100
1000
FREQUENCY (Hz)
VSY = 1.8V
VSY = 5V
Figure 36. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com