Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4938-1ACPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4938-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 18 of 26
TERMINOLOGY
ADA4938
+IN
–IN
+OUT
–OUT
–FB
+FB
VOCM
RG
RF
RG
VOUT, dm
RL, dm
RF
Figure 57. Circuit Definitions
Differential Voltage
The differential voltage is the difference between two node
voltages. For example, the output differential voltage (or
equivalently, output differential-mode voltage) is defined as
VOUT, dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and
−OUT terminals with respect to a common reference.
Common-Mode Voltage
The common-mode voltage is the average of two node voltages.
The output common-mode voltage is defined as
VOUT, cm = (V+OUT + V−OUT)/2
Balance
Balance is a measure of how well differential signals are matched in
amplitude and are exactly 180° apart in phase. Balance is most
easily determined by placing a well-matched resistor divider
between the differential voltage nodes and comparing the
magnitude of the signal at the midpoint of the divider with
the magnitude of the differential signal. By this definition,
output balance is the magnitude of the output common-mode
voltage divided by the magnitude of the output differential
mode voltage.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com