Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-1ACPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4938-1ACPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4938-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 23 of 26
LAYOUT, GROUNDING, AND BYPASSING
As high speed devices, the ADA4938-1/ADA4938-2 are
sensitive to the PCB environment in which it operates.
Realizing its superior performance requires attention to the
details of high speed PCB design.
The first requirement is a solid ground plane that covers as much of
the board area around the ADA4938-1/ADA4938-2 as possible.
However, the area near the feedback resistors (RF), input gain
resistors (RG), and the input summing nodes should be cleared
of all ground and power planes (see Figure 66). Clearing the
ground and power planes minimizes any stray capacitance at
these nodes and prevents peaking of the response of the
amplifier at high frequencies.
The thermal resistance, θJA, is specified for the device, including
the exposed pad, soldered to a high thermal conductivity 4-layer
circuit board, as described in EIA/JESD 51-7. The exposed pad
is electrically isolated from the device; therefore, it can be con-
nected to a ground plane using vias. Examples of the thermal
attach pad and via structure for the ADA4938-1 are shown in
Figure 67 and Figure 68.
Figure 66. Ground and Power Plane Voiding in Vicinity of RF and RG
Bypass the power supply pins as close to the device as possible
and directly to a nearby ground plane. Use high frequency ceramic
chip capacitors. It is recommended that two parallel bypass capa-
citors (1000 pF and 0.1 μF) be used for each supply with the
1000 pF capacitor placed closer to the device; if further away,
provide low frequency bypassing using 10 μF tantalum capacitors
from each supply to ground.
Signal routing should be short and direct to avoid parasitic
effects. Wherever complementary signals exist, provide a
symmetrical layout to maximize balanced performance.
When routing differential signals over a long distance, keep
PCB traces close together and twist any differential wiring to
minimize loop area. Doing this reduces radiated energy and
makes the circuit less susceptible to interference.
1.30
0.80
0.80
1.30
Figure 67. Recommended PCB Thermal Attach Pad (ADA4938-1)
(Dimensions in mm)
0.30
PLATED
VIA HOLE
1.30
GROUND PLANE
POWER PLANE
BOTTOM METAL
TOP METAL
Figure 68. Cross-Section of a 4-Layer PCB (ADA4938-1) Showing a Thermal Via Connection to the Buried Ground Plane (Dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com