Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8065 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8065
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 9Page - Analog Devices LTM8065 Datasheet HTML 10Page - Analog Devices LTM8065 Datasheet HTML 11Page - Analog Devices LTM8065 Datasheet HTML 12Page - Analog Devices LTM8065 Datasheet HTML 13Page - Analog Devices LTM8065 Datasheet HTML 14Page - Analog Devices LTM8065 Datasheet HTML 15Page - Analog Devices LTM8065 Datasheet HTML 16Page - Analog Devices LTM8065 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTM4703
13
Rev. 0
For more information www.analog.com
The LTM4703 is a standalone, nonisolated step-down
switching DC/DC power supply that can deliver up to 12A.
The continuous current is determined by the internal oper-
ating temperature. It provides a precisely regulated output
voltage programmable through one external resistor from
0.3V to 6V. The input voltage range is 3V to 16V. Given
that the LTM4703 is a step-down converter, ensure that
the input voltage is high enough to support the desired
output voltage and the load current. See the simplified
Block Diagram.
The LTM4703 contains a current mode controller, power
switching elements, a power inductor, and a modest
amount of input and output capacitance. The LTM4703
is a fixed-frequency PWM regulator. The switching
frequency is set by simply connecting the appropriate
resistor value from the RT pin to the GND.
An internal regulator provides power to the control
circuitry. To improve efficiency across all loads, supply
current to the control circuitry can be sourced from the
SVIN pin when it is biased at 3V or above, instead of
connecting SVIN to VIN. If the RUN pin is below 0.4V,
the LTM4703 is shutdown, and draws 55µA from the
input. When the RUN pin rises above 1.32V (typical), the
LTM4703 becomes active.
To enhance efficiency at light load, the LTM4703 auto-
matically operates in pulse-skipping mode (PSM) in light
load situations. The SYNC pin is connected low for PSM
operation and connected to INTVCC, or to a voltage higher
than 3V for forced continuous mode (FCM). If a clock
is applied to the SYNC pin, the part synchronizes to an
external clock frequency and it operates in FCM.
The LTM4703 can operate in FCM for fast transient
response and full-frequency operation over a wide load
range. When in FCM, the oscillator operates continuously,
and positive SW transitions are aligned to the clock. A
negative inductor current is allowed. The LTM4703 can
sink current from the output and return this charge
to the input in this mode, improving the load step
transient response.
The LTM4703 incorporates fast start-up circuitry, which
allows the part to start-up at a short time while using a
larger value SET pin capacitor for ultralow-noise appli-
cations. See the Applications Information section for
more details.
The LTM4703 contains a power good comparator
that trips when the PGSET pin is between 462.5mV
and 537.5mV, typical. The PG output is an open-drain
transistor that is off when the output is in regulation,
allowing an external resistor to pull the PG pin high. The
PG signal is valid when SVIN is above 3V. If SVIN is above
3V and RUN is low, PG remains low.
The LTM4703 is equipped with a thermal shutdown that
inhibits power switching at high junction temperatures.
The activation threshold of this function is above 125°C
to avoid interfering with normal operation. Therefore,
prolonged or repetitive operation under a condition in
which the thermal shutdown activates may damage or
impair the reliability of the device.
Two or more LTM4703 devices may be operated in parallel
to produce higher currents.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com