Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8065 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8065
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 17Page - Analog Devices LTM8065 Datasheet HTML 18Page - Analog Devices LTM8065 Datasheet HTML 19Page - Analog Devices LTM8065 Datasheet HTML 20Page - Analog Devices LTM8065 Datasheet HTML 21Page - Analog Devices LTM8065 Datasheet HTML 22Page - Analog Devices LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM4703
21
Rev. 0
For more information www.analog.com
Use Equation 16 for solving for temperature.
T(KELVIN) =
∆VD
K'D
(
°CELSIUS)= T(KELVIN) –273.15 (16)
Where,
300°K = 27°C
means that you take the difference in voltage across the
diode measured at two currents with a ratio of 10. The
resulting voltage is 198μV per Kelvin of the junction with
a zero intercept at 0 Kelvin.
The diode-connected NPN transistor across the TSENSE+
and the TSENSE− pins can be used to monitor the internal
temperature of the LTM4703.
Hot-Plugging Safely
The small size, robustness, and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM4703. However, these capaci-
tors can cause problems if the LTM4703 is plugged into
a live supply (Refer to the Analog Devices Application
Note 88 for a complete discussion). The low-loss ceramic
capacitor combined with stray inductance in series with
the power source forms an underdamped tank circuit,
and the voltage at the VIN pins of the LTM4703 can ring
to more than twice the nominal input voltage, possibly
exceeding the LTM4703’s rating and damaging the part.
If the input supply is poorly controlled or the LTM4703 is
hot-plugged into an energized supply, the input network
should be designed to prevent this overshoot. This can
be accomplished by installing a small resistor in series
to VIN, but the most popular method of controlling input
voltage overshoot is adding an electrolytic bulk cap to the
VIN net. This capacitor’s relatively high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low-frequency
ripple filtering and can slightly improve the efficiency of
the circuit, though it is likely to be the largest compo-
nent in the circuit.
Figure 7 shows a temperature plot of the LTM4703 with
12V input, 1V output at 12A without a heat sink and no
airflow condition.
Figure 7. Thermal Image at 12VIN, 1V, 12A Output, No Airflow
Thermal Considerations
The LTM4703 output current may need to be derated if
it is required to operate at a high ambient temperature.
The amount of current derating is dependent upon the
input voltage, output power, and ambient temperature.
The derating curves shown in the Typical Performance
Characteristics section can be used as a guide. These
curves were generated by the LTM4703 mounted to a
75cm2 4-layer FR4 printed circuit board. Boards of other
sizes and layer-count can exhibit different thermal behav-
iors, it is your responsibility to verify proper operation
over the intended system’s line, load, and environmental
operating conditions.
For increased accuracy and fidelity to the actual applica-
tion, many designers use FEA (finite element analysis) to
predict thermal performance. Therefore, below are the
thermal coefficients.
1.
θJA – Thermal resistance from junction to ambient.
2.
θJCbot – Thermal resistance from the junction to the
bottom of the product case.
3.
θJCtop – Thermal resistance from junction to top of the
product case.
While the meaning of each of these coefficients may
seem to be intuitive, JEDEC has defined each to avoid
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com