Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL2138 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL2138
Description  1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL2138 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL2138 Datasheet HTML 1Page - GTM CORPORATION GL2138 Datasheet HTML 2Page - GTM CORPORATION GL2138 Datasheet HTML 3Page - GTM CORPORATION GL2138 Datasheet HTML 4Page - GTM CORPORATION GL2138 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2004/11/05
REVISED DATE :2006/04/18B
G
G L
L 22113388
11 .. 55 A
A C
C M
M O
O S
S L
L o
o w
w D
D rr o
o p
p o
o u
u tt V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GL2138 series of positive, linear regulators feature low quiescent current (45 A typ.) with low dropout
voltage, making them ideal for battery applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
The GL2138 is stable with an output capacitance of 4.7 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 1.5A output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Highly Accurate± 1.5%
&Low Temperature Coefficient
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Typical Application Circuit
SOT-223


Similar Part No. - GL2138

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL2138 ETL-GL2138 Datasheet
439Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138-15 ETL-GL2138-15 Datasheet
439Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138-19 ETL-GL2138-19 Datasheet
439Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138-33 ETL-GL2138-33 Datasheet
439Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138-50 ETL-GL2138-50 Datasheet
439Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
More results

Similar Description - GL2138

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
1.5A CMOS Low Dropout Voltage Regulator
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
1.5A Low Dropout Voltage CMOS Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com