Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5808 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5808
Description  Switching Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5808 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5808 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5808
No.7079-2/4
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
700
V
Collector-to-Emitter Voltage
VCES
700
V
Collector-to-Emitter Voltage
VCEO
400
V
Emitter-to-Base Voltage
VEBO
8V
Collector Current
IC
2.5
A
Collector Current (Pulse)
ICP
PW
≤300µs, duty cycle≤10%
5
A
Base Current
IB
1.2
A
Collector Dissipation
PC
1W
Tc=25
°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=400V, IE=0
10
µA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
10
µA
hFE1VCE=5V, IC=0.3A
20
50
DC Current Gain
hFE2VCE=5V, IC=1.2A
10
hFE3VCE=5V, IC=1mA
10
Gain-Bandwidth Product
fT
VCE=10V, IC=0.3A
20
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
20
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1.2A, IB=0.24A
0.8
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1.2A, IB=0.24A
1.5
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=1mA, IE=0
700
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=5mA, RBE=∞
400
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
8
V
Turn-On Time
ton
VCC=200V, IC=1.5A, IB1=0.3A,
0.5
µs
IB2=--0.6A, RL=133Ω
Storage Time
tstg
VCC=200V, IC=1.5A, IB1=0.3A,
2.5
µs
IB2=--0.6A, RL=133Ω
Fall Time
tf
VCC=200V, IC=1.5A, IB1=0.3A,
0.25
µs
IB2=--0.6A, RL=133Ω
Switching Time Test Circuit
VR
RB
VCC=200V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com