Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5808 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5808
Description  Switching Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5808 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5808 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5808
No.7079-3/4
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0
0.5
2.0
1.5
3.0
2.5
0
0
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT03719
IT03720
12
56
34
789
10
0
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
0.5
1.0
1.5
2.0
2.5
IB=0
10mA
20mA
50mA
VCE=5V
500mA
450mA
400mA 350mA
300mA 250mA
100mA
150mA
200mA
100
23
5
7 1000
10
23
5
7
0.01
1.0
7
5
3
2
0.1
7
5
3
2
7
5
3
2
1.0
0.1
23
5
7
23
5
23
5
7
0.01
0.1
23
5
7 1.0
23
5
IT03725
1.0
23
5
7 10
23
5
7
23
5
7
100
IT03724
0.1
2
3
5
7
10
2
3
5
7
1.0
IC / IB1=5
IB2 / IB1=2
R load
tstg
tf
IT03721
IT03722
23
5 7
0.01
0.1
23
5 7
0.001
23
5 7 1.0
23
5
1.0
100
2
3
5
1000
7
10
2
3
5
7
2
3
5
7
0.01
0.1
1.0
2
3
5
7
2
3
5
7
10
2
3
5
7
Ta=120°C
25°C
--40°C
Ta= --40
°C
25
°C
VCE=5V
IC / IB=5
120°C
Ta=120
°C
23
5
7
0.01
0.1
23
5
7 1.0
23
5
IT03723
0.1
1.0
10
2
3
5
7
2
3
5
7
Ta= --40°C
25°C
IC / IB=5
120°C
0.01
1.0
7
5
3
2
0.1
7
5
3
2
7
5
3
2
IT03726
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Collector Current, IC -- A
SW Time -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
L=500
µH
IB2= --0.5A
Tc=25
°C, Single pulse
P
C =15W
Tc=25
°C
Single pulse
ICP=5A
IC=2.5A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com