Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9614H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9614H Datasheet HTML 1Page - NXP Semiconductors TDA9614H Datasheet HTML 2Page - NXP Semiconductors TDA9614H Datasheet HTML 3Page - NXP Semiconductors TDA9614H Datasheet HTML 4Page - NXP Semiconductors TDA9614H Datasheet HTML 5Page - NXP Semiconductors TDA9614H Datasheet HTML 6Page - NXP Semiconductors TDA9614H Datasheet HTML 7Page - NXP Semiconductors TDA9614H Datasheet HTML 8Page - NXP Semiconductors TDA9614H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
1995 Mar 21
3
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
1
FEATURES
• All functions controlled by I2C-bus
• No adjustments needed by use of auto-calibration circuit
• Integrated Bandpass Filters (BPFs)
• Low-noise Phase-Locked Loop (PLL) FM (de)modulator
• Low-distortion sample-and-hold switching noise
suppressor
• Integrated HF Low-Pass Filter (LPF) and summator
• Integrated audio LPF
• 5 stereo inputs (left and right channel):
– TUNL and TUNR
– CINL and CINR
– EXT1L and EXT1R
– EXT2L and EXT2R
– EXT3L and EXT3R
• Additional mono input: Second Audio Program (SAP)
• Independent Input/Output (I/O) selections and 2nd line
output
• Linear audio
• DC output for VU meter drive
• Direct headphone drive
• RF converter output with overload Automatic Gain
Control (AGC)
• Integrated standby mode for low current consumption
• E-E performance (record + playback):
– Total Harmonic Distortion (THD): 0.05%
(
−8 dBV, 1 kHz)
– linearity error: 0.1 dB (
−88 dBV, 1 kHz)
– noise:
−93 dBV (20 Hz to 20 kHz).
2
GENERAL DESCRIPTION
The TDA9614H is an audio processing IC for VHS hi-fi and
linear audio, digitally controlled via the I2C-bus. The
FM (de)modulator and peak noise reduction functions are
highly integrated, resulting in few external components
and no external adjustments.
In addition special functions for audio mixing, dubbing and
descrambling have been implemented.
3
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference Handbook”
(order number 9398 510 63011) are followed.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9614H
QFP64(1)
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com