Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9614H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 30Page - NXP Semiconductors TDA9614H Datasheet HTML 31Page - NXP Semiconductors TDA9614H Datasheet HTML 32Page - NXP Semiconductors TDA9614H Datasheet HTML 33Page - NXP Semiconductors TDA9614H Datasheet HTML 34Page - NXP Semiconductors TDA9614H Datasheet HTML 35Page - NXP Semiconductors TDA9614H Datasheet HTML 36Page - NXP Semiconductors TDA9614H Datasheet HTML 37Page - NXP Semiconductors TDA9614H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
1995 Mar 21
34
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
Note
1. Record volume control for left and right channel set to maximum (+14 dB). Headphone volume control at 0 dB.
10.2
Record linear audio mode
Audio input signal
−8 dBV from SAP, TUNL and TUNR (pins 1, 2 and 3); NormSel is input; OutSel is normal.
foR
FM centre frequency right
f = 1.8 MHz; NTSC = 0;
calibrated in PAL mode
1795
1800
1805
kHz
f = 1.7 MHz; NTSC = 1;
calibrated in NTSC mode
1695
1700
1705
kHz
NTSC = 1; calibrated in
PAL mode
−
1700
−
kHz
TC
temperature coefficient
−
±50
−
10−6/K
HF output stage (FMOUT; pin 56)
VoR(p-p)
right output voltage
(peak-to-peak value)
foR = 1.8 MHz;
1st harmonic
455
510
572
mV
foR = 1.7 MHz;
1st harmonic
455
510
572
mV
VoL(p-p)
left output voltage
(peak-to-peak value)
foL = 1.4 MHz;
1st harmonic
152
170
190
mV
foL = 1.3 MHz;
1st harmonic
152
170
190
mV
ratio of output voltages
2.7
3
3.3
α
3rd
3rd harmonic suppression
NTSC = 0
20
30
−
dB
NTSC = 1
18
28
−
dB
Ro
output resistance
−
100
130
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Linear audio playback input; PBIN (pin 34)
Zi
input impedance
IL = ±1 mA
−
7
15
Ω
Linear audio EQSW input (pin 30)
Zi
input impedance
LP = 0
100
150
−
k
Ω
LP = 1
−
15
30
Ω
Line output (pins 21 and 22)
Vo
output voltage
AGCN = 0; note 1
−8
−6
−4
dBV
AGCN = 1;
NormSel = volume; note 1
−10
−8
−6
dBv
α
ct
crosstalk (linear to stereo)
OutSel = stereo;
NormSel = SAP; TUNL
and TUNR AC grounded
−
−88
−80
dBV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX.
UNIT
V
oR
V
oL
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com