Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9809 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9809
Description  Single standard multimedia IF-PLL and FM radio demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9809 Datasheet HTML 9Page - NXP Semiconductors TDA9809 Datasheet HTML 10Page - NXP Semiconductors TDA9809 Datasheet HTML 11Page - NXP Semiconductors TDA9809 Datasheet HTML 12Page - NXP Semiconductors TDA9809 Datasheet HTML 13Page - NXP Semiconductors TDA9809 Datasheet HTML 14Page - NXP Semiconductors TDA9809 Datasheet HTML 15Page - NXP Semiconductors TDA9809 Datasheet HTML 16Page - NXP Semiconductors TDA9809 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1998 Jan 08
13
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
FM OPERATION (PIN 7); notes 15 and 15a
Vo(AF)(rms)
AF output signal
voltage (RMS value)
Rx =0 Ω; see Fig.15 and
note 16
27 kHz
(54% FM deviation)
400
500
600
mV
25 kHz
(50% FM deviation)
360
460
560
mV
Vo(AF)(cl)(rms)
AF output clipping
signal voltage level
(RMS value)
THD < 1.5%
1.0
−
1.2
V
∆f
AF
frequency deviation
THD < 1.5%; note 16
−−±53
kHz
∆V
o/∆T
temperature drift of AF
output signal voltage
−
3
× 10−3 7 × 10−3
dB/K
V9
DC voltage at
decoupling capacitor
voltage dependent on VCO
frequency; note 17
1.2
−
3.0
V
Ro
output resistance
note 2
−−
150
Ω
VO
DC output voltage
−
2.3
−
V
Io(sink)(max)
maximum AC and DC
output sink current
−−
0.5
mA
Io(source)(max)
maximum AC and DC
output source current
−−
0.5
mA
Baud(−3dB)
−3 dB audio
frequency bandwidth
100
125
−
kHz
THD
total harmonic
distortion
27 kHz (54% FM deviation)
−
0.5
1.0
%
S/NW
weighted
signal-to-noise ratio
FM-PLL only; with 50
µs
de-emphasis; 27 kHz
(54% FM deviation);
“CCIR 468-4”; see Fig.8
50
55
−
dB
αr(SC)(rms)
residual sound carrier
(RMS value)
fundamental wave and
harmonics
−−
75
mV
α
mute(AF)
mute attenuation of AF
signal
70
75
−
dB
∆V
7
DC jump voltage of AF
output terminal for
switching AF output to
mute state and vice
versa
FM-PLL in lock mode
−±50
±150
mV
PSRR
power supply ripple
rejection at pin 7
Rx =0 Ω; fmod = 70 Hz;
see Figs 9 and 15
20
26
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com