Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9809 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9809
Description  Single standard multimedia IF-PLL and FM radio demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9809 Datasheet HTML 14Page - NXP Semiconductors TDA9809 Datasheet HTML 15Page - NXP Semiconductors TDA9809 Datasheet HTML 16Page - NXP Semiconductors TDA9809 Datasheet HTML 17Page - NXP Semiconductors TDA9809 Datasheet HTML 18Page - NXP Semiconductors TDA9809 Datasheet HTML 19Page - NXP Semiconductors TDA9809 Datasheet HTML 20Page - NXP Semiconductors TDA9809 Datasheet HTML 21Page - NXP Semiconductors TDA9809 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1998 Jan 08
18
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
14. The intercarrier output signal at pin 10 can be calculated with the following formula using the video output signal at
pin 13 (Vo(video)(p-p) = 1.1 V typical) as a reference:
with
= correction term for RMS value,
= sound-to-picture carrier ratio at VIF input (pins 1 and 2) in dB,
6 dB = correction term of internal circuitry and
±3 dB = tolerance of video output and intercarrier output amplitude
Vo(rms).
Example: SAW filter G1962 (sound shelf: 20 dB)
.
15. Input level for second IF from an external generator with 50
Ω source impedance. AC-coupled with 10 nF capacitor,
fmod = 1 kHz, 27 kHz (54% FM deviation) of audio reference. A VIF/SIF input signal is not permitted. Pin 5 has to be
connected to the positive supply voltage for minimum IF gain. S/N and THD measurements are taken at 50
µs (75 µs
at M standard) de-emphasis (modulator pre-emphasis has to be activated). The FM demodulator steepness
∆Vo(AF)/∆fAF is positive.
a) Second IF input level 10 mV (RMS).
16. Measured with an FM deviation of 27 kHz, the typical AF output signal is 500 mV (RMS) (Rx =0 Ω). By using
Rx = 680 Ω the AF output signal is attenuated by 6 dB (250 mV RMS). For handling a frequency deviation of more
than 53 kHz the AF output signal has to be reduced by using Rx in order to avoid clipping (THD < 1.5%). For an
FM deviation up to 100 kHz an attenuation of 6 dB is recommended with Rx = 680 Ω.
17. The leakage current of the decoupling capacitor (2.2
µF) should not exceed 1 µA.
18. For all S/N measurements, the vision IF modulator used must meet the following specifications:
a) Incidental phase modulation for black-to-white jump less than 0.5 degrees.
b) QSS AF performance, measured with the television-demodulator AMF2 (audio output, weighted S/N ratio) better
than 60 dB (deviation
±27 kHz) for 6 kHz sine wave black-to-white video modulation.
c) Picture-to-sound carrier ratio; PC/SC1 = 13 dB; (transmitter).
19. The PC/SC1 ratio at pins 1 and 2 is calculated as the addition of TV transmitter PC/SC1 ratio and SAW filter PC/SC1
ratio. This PC/SC1 ratio is necessary to achieve the S/NW values as noted. A different PC/SC1 ratio will change
these values.
20. Measurements taken with SAW filter G1962 (sound shelf: 20 dB) for vision and sound IF.
21. The RIF amplifier output (pin 10) must be connected to a multistandard application ceramic filter for
5.5, 6.0 and 10.7 MHz. This total load constitutes an impedance of 250
Ω.
22. d3 tested using two signals with frequencies of f1 = 10.5 MHz and f2 = 10.7 MHz, and with a level of Vi(4)(max)(rms) for
each signal. d3 is the ratio of the intermodulation product at 10.3 MHz to the output level of Vi(4)(max)(rms).
23. The control steepness of the radio AFC detector is dependent on the characteristic of the ceramic resonator, pin 18.
The figure given here will be obtained when applying a typical resonator of the type CDA 10.7 MC1-A (Murata).
The spread of the control steepness depends on the spread of the ceramic resonator characteristic (see Fig.11).
V
o rms
()
1.1 V p
p
–
()
1
22
-----------
×
10
V
iSC
()
V
iPC
()
----------------- dB
() 6dB 3 dB
±
+
20
--------------------------------------------------------------------
×
=
1
22
-----------
V
i(SC)
V
i(PC)
-------------- (dB)
V
i(SC)
V
i(PC)
--------------
27 dB
–
V
o(rms)
32 mV (typ.)
=
⇒
=
⇒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com