Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9811 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9811
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9811 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9811 Datasheet HTML 17Page - NXP Semiconductors TDA9811 Datasheet HTML 18Page - NXP Semiconductors TDA9811 Datasheet HTML 19Page - NXP Semiconductors TDA9811 Datasheet HTML 20Page - NXP Semiconductors TDA9811 Datasheet HTML 21Page - NXP Semiconductors TDA9811 Datasheet HTML 22Page - NXP Semiconductors TDA9811 Datasheet HTML 23Page - NXP Semiconductors TDA9811 Datasheet HTML 24Page - NXP Semiconductors TDA9811 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1998 Feb 09
21
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9811
Fig.10 Typical total harmonic distortion as a function of audio frequency at AM standard.
handbook, full pagewidth
0
1.25
10 2
MED689
10
1
10 2
0.25
0.5
0.75
1.0
10 1
THD
(%)
f (kHz)
CAGC = 2.2 µF.
m = 54%.
Fig.11 Ripple rejection condition.
handbook, full pagewidth
TDA9811
VP = 5 V
t
VP = 5 V
100 mV
ripple
(f
= 70 Hz)
MHA049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com