Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9811 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9811
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9811 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9811 Datasheet HTML 22Page - NXP Semiconductors TDA9811 Datasheet HTML 23Page - NXP Semiconductors TDA9811 Datasheet HTML 24Page - NXP Semiconductors TDA9811 Datasheet HTML 25Page - NXP Semiconductors TDA9811 Datasheet HTML 26Page - NXP Semiconductors TDA9811 Datasheet HTML 27Page - NXP Semiconductors TDA9811 Datasheet HTML 28Page - NXP Semiconductors TDA9811 Datasheet HTML 29Page - NXP Semiconductors TDA9811 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
1998 Feb 09
26
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9811
12
VoAF
2.3
13
n.c.
14
n.c.
15
n.c.
16
n.c.
17
MUTE
2.65
18
n.c.
19
TAGC
0 to 13.2
20
Vo QSS
2.0
PIN
NO.
PIN
SYMBOL
DC VOLTAGE
(V)
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
MHA902
12
21.7 k
Ω
23.7 k
Ω
25 pF
120
Ω
++
400
Ω
40 k
Ω
640
Ω
2.65 V
35
µA
600
µA
MHA904
17
19
MHA908
20
1.9 mA
150
Ω
+
14.7 k
Ω
MHA901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com