Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62050FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62050FP
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62050FP Datasheet HTML 3Page - Renesas Technology Corp M62050FP Datasheet HTML 4Page - Renesas Technology Corp M62050FP Datasheet HTML 5Page - Renesas Technology Corp M62050FP Datasheet HTML 6Page - Renesas Technology Corp M62050FP Datasheet HTML 7Page - Renesas Technology Corp M62050FP Datasheet HTML 8Page - Renesas Technology Corp M62050FP Datasheet HTML 9Page - Renesas Technology Corp M62050FP Datasheet HTML 10Page - Renesas Technology Corp M62050FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M62050P/FP
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 7 of 11
• Pin (1) (WD pin) input requirements
(1) Input cycle: tWD or less (discharge should start before voltage at WD pin reaches 2.4 V.)
1
1.1
⋅ C ⋅ R1
< f
(2) Input pulse width tWDIN: t2 or less
1.2
1.7
2.4
t2
t
t1
0.5
ms
C = 104
1ms
50
µs
C = 103
100
µs
VCC = 3V
R1 = 10kΩ
Discharge Voltage x(V)
Figure 5
3. VCC detection voltage adjustment
The detection voltage 2 (VTH2) can be set as shown in Table 1 by connecting ADJ pin with opening or VCC.
Table 1
Detection Voltage 2 (ADJ pin)
Detection Voltage 2
at Opening (V)
at VCC (V)
VTH2(H)
2.55
2.35
VTH2(L)
2.50
2.30
8
7
6
40k
Ω
+
–
35.2k
Ω
6.5k
Ω
RL
1.25V
4
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com