Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62050FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62050FP
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62050FP Datasheet HTML 1Page - Renesas Technology Corp M62050FP Datasheet HTML 2Page - Renesas Technology Corp M62050FP Datasheet HTML 3Page - Renesas Technology Corp M62050FP Datasheet HTML 4Page - Renesas Technology Corp M62050FP Datasheet HTML 5Page - Renesas Technology Corp M62050FP Datasheet HTML 6Page - Renesas Technology Corp M62050FP Datasheet HTML 7Page - Renesas Technology Corp M62050FP Datasheet HTML 8Page - Renesas Technology Corp M62050FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M62050P/FP
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 2 of 11
Pin Arrangement
M62050P
M62050FP
8
5
6
7
ADJ
Ct1
VCC
RST2
WD
GND
RST1
TC
1
4
3
2
(Top view)
Outline: PRDP0008AA-A (8P4) [P]
PRSP0008DE-C [FP] (recommend)
PRSP0008DA-A (8P2S-A) [FP] (not recommend for new design)
Pin Description
Pin No.
Symbol
Functional Description
1
WD
Input for watchdog timer
2
TC
Time set for reset timer and watchdog timer
3
RST1
Pin that outputs reset signal when abnormal signal is input to WD pin
4
GND
GND
5
Ct1
Capacitor installation pin for delay time setting
6
VCC
Power supply
7
RST2
Pin that outputs reset signal when power supply voltage becomes abnormal
8
ADJ
Selection between two detection voltages
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Rating
Unit
Conditions
Supply voltage
VCC
7
V
Input voltage
VIN
–0.3 to +7
V
Output voltage
VOUT
15
V
Output current
IOUT
10
mA
625
8-pin DIP
Power dissipation
Pd
440
mW
8-pin SOP
6.25
8-pin DIP
Thermal derating
K
θ
4.4
mW/°C
Ta
≥ 25°C
8-pin SOP
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com