Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4096-2
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4096-2 Datasheet HTML 9Page - Analog Devices ADA4096-2 Datasheet HTML 10Page - Analog Devices ADA4096-2 Datasheet HTML 11Page - Analog Devices ADA4096-2 Datasheet HTML 12Page - Analog Devices ADA4096-2 Datasheet HTML 13Page - Analog Devices ADA4096-2 Datasheet HTML 14Page - Analog Devices ADA4096-2 Datasheet HTML 15Page - Analog Devices ADA4096-2 Datasheet HTML 16Page - Analog Devices ADA4096-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E | Page 13 of 33
90
80
70
60
0
10
20
30
40
50
VOS (µV)
VSY = ±5V
14-LEAD TSSOP
Figure 15. Input Offset Voltage (VOS) Distribution, VSY = ±5 V,
14-Lead TSSOP
160
–40
TEMPERATURE (°C)
–160
–120
–80
–40
0
40
80
120
–25
–10
5
20
35
50
65
80
95
110
125
VSY = ±5V
8-LEAD SOIC, 14-LEAD SOIC
Figure 16. Input Offset Voltage (VOS) vs. Temperature, VSY = ±5 V,
8-Lead SOIC and 14-Lead SOIC
300
–40
TEMPERATURE (°C)
–300
–200
–100
0
100
200
–25
–10
5
20
35
50
65
80
95
110
125
VSY = ±5V
8-LEAD MSOP, 14-LEAD TSSOP
Figure 17. Input Offset Voltage (VOS) vs. Temperature, VSY = ±5 V,
8-Lead MSOP and 14-Lead TSSOP
90
80
70
60
0
10
20
30
40
50
VOS (µV)
VSY = ±15V
14-LEAD TSSOP
Figure 18. Input Offset Voltage (VOS) Distribution, VSY = ±15 V,
14-Lead TSSOP
160
–40
TEMPERATURE (°C)
–160
–120
–80
–40
0
40
80
120
–25
–10
5
20
35
50
65
80
95
110
125
VSY = ±15V
8-LEAD SOIC, 14-LEAD SOIC
Figure 19. Input Offset Voltage (VOS) vs. Temperature, VSY = ±15 V,
8-Lead SOIC and 14-Lead SOIC
300
–40
TEMPERATURE (°C)
–300
–200
–100
0
100
200
–25
–10
5
20
35
50
65
80
95
110
125
VSY = ±15V
8-LEAD MSOP, 14-LEAD TSSOP
Figure 20. Input Offset Voltage (VOS) vs. Temperature, VSY = ±15 V,
8-Lead MSOP and 14-Lead TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com