Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013AMFKB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013AMFKB
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013AMFKB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LT1013AMFKB Datasheet HTML 15Page - Texas Instruments LT1013AMFKB Datasheet HTML 16Page - Texas Instruments LT1013AMFKB Datasheet HTML 17Page - Texas Instruments LT1013AMFKB Datasheet HTML 18Page - Texas Instruments LT1013AMFKB Datasheet HTML 19Page - Texas Instruments LT1013AMFKB Datasheet HTML 20Page - Texas Instruments LT1013AMFKB Datasheet HTML 21Page - Texas Instruments LT1013AMFKB Datasheet HTML 22Page - Texas Instruments LT1013AMFKB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
comparator applications
The single-supply operation of the LT1013 is well suited for use as a precision comparator with TTL-compatible
output. In systems using both operational amplifiers and comparators, the LT1013 can perform multiple duties
(see Figures 25 and 26).
100 mV
VCC+ = 5 V
VCC− = 0
TA = 25°C
Overdrive
10 mV
5 mV
2 mV
0
50 100 150 200 250 300 350 400 450
5
4
3
2
1
0
t − Time −
µs
Figure 25. Low-to-High-Level Output
Response for Various Input Overdrives
2 mV
5 mV
Overdrive
10 mV
0
50 100 150 200 250 300 350 400 450
5
4
3
2
1
0
t − Time −
µs
VCC+ = 5 V
VCC− = 0
TA = 25°C
100 mV
Figure 26. High-to-Low-Level Output
Response for Various Input Overdrives
low-supply operation
The minimum supply voltage for proper operation of the LT1013 is 3.4 V (three NiCad batteries). Typical supply
current at this voltage is 290
µA; therefore, power dissipation is only 1 mW per amplifier.
offset voltage and noise testing
The test circuit for measuring input offset voltage and its temperature coefficient is shown in Figure 30. This
circuit, with supply voltages increased to
±20 V, also is used as the burn-in configuration.
The peak-to-peak equivalent input noise voltage of the LT1013 is measured using the test circuit shown in
Figure 27. The frequency response of the noise tester indicates that the 0.1-Hz corner is defined by only one
zero. The test time to measure 0.1-Hz to 10-Hz noise should not exceed 10 seconds, as this time limit acts as
an additional zero to eliminate noise contribution from the frequency band below 0.1 Hz.
An input noise voltage test is recommended when measuring the noise of a large number of units. A 10-Hz input
noise voltage measurement correlates well with a 0.1-Hz peak-to-peak noise reading because both results are
determined by the white noise and the location of the 1/f corner frequency.
Current noise is measured by the circuit and formula shown in Figure 28. The noise of the source resistors is
subtracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com