Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013AMFKB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013AMFKB
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013AMFKB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LT1013AMFKB Datasheet HTML 16Page - Texas Instruments LT1013AMFKB Datasheet HTML 17Page - Texas Instruments LT1013AMFKB Datasheet HTML 18Page - Texas Instruments LT1013AMFKB Datasheet HTML 19Page - Texas Instruments LT1013AMFKB Datasheet HTML 20Page - Texas Instruments LT1013AMFKB Datasheet HTML 21Page - Texas Instruments LT1013AMFKB Datasheet HTML 22Page - Texas Instruments LT1013AMFKB Datasheet HTML 23Page - Texas Instruments LT1013AMFKB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
10
Ω
100 k
Ω
0.1
µF
2 k
Ω
4.7
µF
AVD = 50,000
+
−
LT1013
+
−
LT1001
24.3 k
Ω
100 k
Ω
0.1
µF
4.3 k
Ω
2.2
µF
110 k
Ω
22
µF
Oscilloscope
Rin = 1 MΩ
NOTE A: All capacitor values are for nonpolarized capacitors only.
Figure 27. 0.1-Hz to 10-Hz Peak-to-Peak Noise Test Circuit
10 k
Ω
100
Ω
Vn
LT1013
+
−
In +
[V
no2
–(820 nV)2]1 2
40 M
W
100
10 M
Ω†
10 M
Ω†
10 M
Ω†
10 M
Ω†
† Metal-film resistor
Figure 28. Noise-Current Test Circuit
and Formula
50 k
Ω
(see Note A)
15 V
−15 V
VO = 1000 VIO
100
Ω
50 k
Ω
(see Note A)
(see Note A)
+
−
LT1013
NOTE A: Resistors must have low thermoelectric potential.
Figure 29. Test Circuit for VIO and aV
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com