Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7982
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices AD7982 Datasheet HTML 19Page - Analog Devices AD7982 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADA4806-1
Data Sheet
Rev. A | Page 16 of 24
300
350
400
450
500
550
600
650
700
750
800
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = ±2.5V
VS = ±1.5V
VS = ±5V
Figure 41. Quiescent Supply Current vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0
SUPPLY VOLTAGE FROM GROUND (V)
+125°C
+25°C
–40°C
Figure 42. SHUTDOWN and SLEEP Threshold vs. Supply Voltage from Ground
for Various Temperatures
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
–5
–4
–3
–2
–1
0
1
2
3
0
200
400
600
800
1000
1200
1400
TIME (Hours)
OIL BATH
TEMPERATURE
VS = ±2.5V
6 UNITS, SOLDERED TO PCB
Figure 43. Long-Term VOS Drift
TEMPERATURE (°C)
40
50
70
90
110
60
80
100
120
130
140
–40
–25
–10
5
20
35
50
65
80
95
110
125
VS = ±2.5V
VS = ±1.5V
VS = ±5.0V
Figure 44. Sleep Mode Quiescent Supply Current vs. Temperature
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
–25
–10
5
20
35
50
65
80
95
110
125
VS = ±2.5V
VS = ±1.5V
VS = ±5.0V
Figure 45. Sleep Mode Output Current vs. Temperature
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
–20
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN
PHASE
Figure 46. Open-Loop Gain and Phase Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com